PART |
Description |
Maker |
AM75DL9608HGT70IT AM75DL9608HGT75IS AM75DL9608HGT7 |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 64兆位个M x 16位)2兆位米16位).0伏的CMOS只,同时作业闪存,和 64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Xilinx, Inc. Spansion, Inc.
|
28C011TRT1FS 28C011TRPFS 28C011TRPFS-20 28C011TRPF |
1 Megabit (128K x 8-Bit) EEPROM 1兆位128K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 1兆位28K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 CONNECTOR ACCESSORY POT 100K OHM THUMBWHEEL CERM ST
|
http:// NXP Semiconductors N.V. Maxwell Technologies, Inc
|
AM50DL9608GT75IS AM50DL9608GT75IT AM50DL9608GT70IS |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
|
SPANSION[SPANSION]
|
AM75DL9608HGT75IT AM75DL9608HG AM75DL9608HGB70IS A |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
|
SPANSION[SPANSION]
|
EN71PL032A0-70CWP EN71PL032A01 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71NS032A0 EN71NS032A0-9DCWP EN71NS032A0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71GL064B0 EN71GL064B0-70CWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64 Megabit (4M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71NS128B0-7DCWP EN71NS128B011 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM29LV800B-100 AM29LV800B-120 AM29LV800B-150 AM29L |
8 Megabit (1048576 x 8-Bit/524288 x 16-Bit) CMOS 3.0 Volt-only Sectored Flash Memory 8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
|
AMD[Advanced Micro Devices]
|
S29CD016G0MFFA202 S29CD016G0MFAA212 S29CD016G0JFAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位12k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位512k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80
|
Spansion Inc. Spansion, Inc.
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
28LV011RPFB-25 28LV011RPFE-25 28LV011RT1FE-25 28LV |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM PN Series Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.54"; External Width:6.3"; External Depth:9.45"; Enclosure Color:Gray 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32
|
Maxwell Technologies, Inc
|